b at46 w 2 . 70 3 . 70 0 . 5 5 1 . 0 5 1 . 6 SOD-123 features high breakdown voltage low turn-on voltage guard ring construction for transient protection characteristic symbol bat46w unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v average rectified forward current i o 75 ma forward continuous current (note 1) i f 150 ma repetitive peak forward current (note 1) @ t p < 1.0s, duty cycle < 50% i frm 350 ma forward surge forward current (note 1) @ t p = 10ms i fsm 750 ma power dissipation (note 1) p d 200 mw operating and storage temperature range t j ,t stg -55 to +125 c maximum ratings @ t a = 25 c unless otherwise specified note: 1. valid provided that terminals are kept at specified ambient temperature. electrical characteristics @ t a = 25 c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 100 v i rs = 100 a pulses forward voltage v f 0.25 0.45 1.00 v t p < 300 s, duty cycle < 2% i f = 0.1ma i f = 10ma i f = 250ma reverse leakage current i r 0.5 5.0 0.8 7.5 2.0 15 5.0 20 a t p < 300 s, duty cycle < 2% v r = 1.5v v r = 1.5v, tj = 60 c v r = 10v v r = 10v, tj = 60 c v r = 50v v r = 50v, tj = 60 c v r = 75v v r = 75v, tj = 60 c junction capacitance c j 10 6.0 pf v r = 0v, f = 1.0mhz v r = 1.0v, f = 1.0mhz thermal resistance, junction to ambient air r ja 500 k/w note 1 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
c b d 0.20 e a1 a2 a e1 l l1 symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.250 0 max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 0.450 8 min 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140 0.010 0 max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.018 8 dimensions in millimeters dimensions in inches 0.020ref 0.500ref | b at46 w http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
|